PART |
Description |
Maker |
12A02CH-TL-E |
Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
|
ON Semiconductor
|
CPH3106 |
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
|
ON Semiconductor
|
UA7812C |
IC,VOLT REGULATOR,FIXED,+12V,BIPOLAR,SIP,3PIN,PLASTIC
|
ti
|
JL120-12BYA JL120-12SYA |
VOLT REGULATOR|FIXED|-12V|BIPOLAR|TO-204/-3|3PIN|METAL 电压调节器|固定| - 12V的|双极| TO-204/-3 | 3针|金属
|
YEONHO Electronics Co., Ltd.
|
L7805CV L7812CV L7812 |
POSITIVE VOLTAGE REGULATORS From old datasheet system VOLT REGULATOR,FIXED, 12V,BIPOLAR,SIP,3PIN,PLASTIC VOLT REGULATOR,FIXED, 5V,BIPOLAR,SIP,3PIN,PLASTIC
|
SGS Thomson Microelectronics ST Microelectronics
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
BUL146FG BUL146G |
Bipolar Power TO220FP NPN 6A 400V; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 6 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB SWITCHMODE NPN Bipolar Power Transistor
|
ON Semiconductor
|
AT-31011 AT-31011-BLK AT-31011-TR1 AT-31033 AT-310 |
TERM BLOCK HDR 5.08MM 3POS PCB Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor Low Current, High Performance NPN Silicon Bipolar Transistor
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
CS-8156T |
Positive Fixed Voltage Regulator From old datasheet system VOLT REGULATOR,FIXED, 12V,BIPOLAR,SIP,5PIN,PLASTIC
|
ON Semiconductor
|
NE024027-28 NE020214-07 NE020790-07 NE020791-07 NE |
TRANSISTOR | BJT | NPN | 6A I(C) | STX-M4 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 750MA I(C) | TO-39 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 1.5A I(C) | SOT-119VAR TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 1.5A I(C) | RFMOD 晶体管|晶体管|叩| 18V的五(巴西)总裁| 1.5AI(丙)| RFMOD TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 1.5A I(C) | STX-M3 晶体管|晶体管|叩| 18V的五(巴西)总裁| 1.5AI(丙)|希捷- M3 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 750MA I(C) | STX-M3 晶体管|晶体管|叩| 18V的五(巴西)总裁| 750mA电流一(c)|希捷- M3 TRANSISTOR | BJT | NPN | 750MA I(C) | STX-M3 晶体管|晶体管|叩| 750mA电流一(c)|希捷- M3 TRANSISTOR | BJT | NPN | 15A I(C) | SOT-119VAR 晶体管|晶体管|叩| 15A条一(c)|的SOT - 119VAR
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|